Electronic Components Datasheet Search
  English  ▼

X  

74HC299DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC299DB
Description  8-bit universal shift register; 3-state
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC299DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC299DB Datasheet HTML 3Page - NXP Semiconductors 74HC299DB Datasheet HTML 4Page - NXP Semiconductors 74HC299DB Datasheet HTML 5Page - NXP Semiconductors 74HC299DB Datasheet HTML 6Page - NXP Semiconductors 74HC299DB Datasheet HTML 7Page - NXP Semiconductors 74HC299DB Datasheet HTML 8Page - NXP Semiconductors 74HC299DB Datasheet HTML 9Page - NXP Semiconductors 74HC299DB Datasheet HTML 10Page - NXP Semiconductors 74HC299DB Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 1990
9
Philips Semiconductors
Product specification
8-bit universal shift register; 3-state
74HC/HCT299
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Q0, Q7
22
37
46
56
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CP to I/On
22
37
46
56
ns
4.5
Fig.6
tPHL
propagation delay
MR to Q0, Q7 or I/On
27
46
58
69
ns
4.5
Fig.7
tPZH/ tPZL
3-state output enable time
OEn to I/On
19
30
38
45
ns
4.5
Fig.9
tPHZ
3-state output disable time
OEn to I/On
24
37
46
56
ns
4.5
Fig.9
tPLZ
3-state output disable time
OEn to I/On
20
32
40
48
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
bus driver (I/On)
5
12
15
18
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
standard (Q0, Q7)
7
15
19
22
ns
4.5
Fig.6
tW
clock pulse width
HIGH or LOW
20
10
25
30
ns
4.5
Fig.6
tW
master reset pulse width
LOW
20
11
25
30
ns
4.5
Fig.7
trem
removal time
MR to CP
10
2
9
11
ns
4.5
Fig.7
tsu
set-up time
I/On, DSR, DSL to CP
25
14
31
38
ns
4.5
Fig.6
tsu
set-up time
S0, S1 to CP
32
18
40
48
ns
4.5
Fig.8
th
hold time
I/On, DSR, DSL to CP
0
−11
0
0
ns
4.5
Fig.6
th
hold time
S0, S1 to CP
0
−17
0
0
ns
4.5
Fig.8
fmax
maximum clock pulse
frequency
25
42
20
17
MHz
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com