Electronic Components Datasheet Search
  English  ▼

X  

DP83956A Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83956A
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83956A Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83956A Datasheet HTML 35Page - National Semiconductor (TI) DP83956A Datasheet HTML 36Page - National Semiconductor (TI) DP83956A Datasheet HTML 37Page - National Semiconductor (TI) DP83956A Datasheet HTML 38Page - National Semiconductor (TI) DP83956A Datasheet HTML 39Page - National Semiconductor (TI) DP83956A Datasheet HTML 40Page - National Semiconductor (TI) DP83956A Datasheet HTML 41Page - National Semiconductor (TI) DP83956A Datasheet HTML 42Page - National Semiconductor (TI) DP83956A Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
70 LERIC Registers
71 LERIC REGISTER ADDRESS MAP
The LERIC’s registers may be accessed by applying the
required address to the four register address (D(74)) input
pins Pin D(7) makes the selection between the upper and
lower nibbles of each register The register map consists of
8 registers as shown in the Register Map in Table 7-1 which
is followed by a summary of the register bits shown in Table
7-2 The definitions for these bits are shown in the detailed
register definitions on the following pages
TABLE 7-1 Register Memory Map
Address D(74)
Name
0000
LERIC Status RegisterLower Nibble
1000
LERIC Status RegisterUpper Nibble
0001
Port 1 Status and Configuration RegisterLower Nibble
1001
Port 1 Status and Configuration RegisterUpper Nibble
0010
Port 2 Status and Configuration RegisterLower Nibble
1010
Port 2 Status and Configuration RegisterUpper Nibble
0011
Port 3 Status and Configuration RegisterLower Nibble
1011
Port 3 Status and Configuration RegisterUpper Nibble
0100
Port 4 Status and Configuration RegisterLower Nibble
1100
Port 4 Status and Configuration RegisterUpper Nibble
0101
Port 5 Status and Configuration RegisterLower Nibble
1101
Port 5 Status and Configuration RegisterUpper Nibble
0110
Port 6 Status and Configuration RegisterLower Nibble
1110
Port 6 Status and Configuration RegisterUpper Nibble
0111
Port 7 Status and Configuration RegisterLower Nibble
1111
Port 7 Status and Configuration RegisterUpper Nibble
Register Array Bit Map
Address D(74)
D(3)
D(2)
D(1)
D(0)
0000
PART
JAB
AREC
ACOL
1000
Resv
Resv
Resv
Resv
0001
PART
REC
COL
GDLNK
1001
DISPT
Resv
Resv
Resv
0010
PART
REC
COL
GDLNK
1010
DISPT
Resv
POL
SQRL
0011
PART
REC
COL
GDLNK
1011
DISPT
Resv
POL
SQL
0100
PART
REC
COL
GDLNK
1100
DISPT
Resv
POL
SQL
0101
PART
REC
COL
GDLNK
1101
DISPT
Resv
POL
SQL
0110
PART
REC
COL
GDLNK
1110
DISPT
Resv
POL
SQL
0111
PART
REC
COL
GDLNK
1111
DISPT
Resv
POL
SQL
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com