Electronic Components Datasheet Search
  English  ▼

X  

DP83956A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83956A
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83956A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83956A Datasheet HTML 9Page - National Semiconductor (TI) DP83956A Datasheet HTML 10Page - National Semiconductor (TI) DP83956A Datasheet HTML 11Page - National Semiconductor (TI) DP83956A Datasheet HTML 12Page - National Semiconductor (TI) DP83956A Datasheet HTML 13Page - National Semiconductor (TI) DP83956A Datasheet HTML 14Page - National Semiconductor (TI) DP83956A Datasheet HTML 15Page - National Semiconductor (TI) DP83956A Datasheet HTML 16Page - National Semiconductor (TI) DP83956A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
30 Pin Description (Continued)
Pin
Driver
IO
Description
Name
Type
INTER-LERIC BUS PINS
(Continued)
IRE
TT
B Z
I
nter-LERIC Enable When asserted as an output this signal provides an activity framing enable for the
serial data stream The signal is asserted by a LERIC when it is receiving data from one of its network
segments The default condition of this signal is to be an input In this state it may be driven by other
devices on the Inter-LERIC bus
IRC
TT
B Z
I
nter-LERIC Clock When asserted as an output this signal provides a clock signal for the serial data
stream Data (IRD) is changed on the falling edge of the clock The signal is asserted by a LERIC when it
is receiving data from one of its network segments The default condition of this signal is to be an input
When an input IRD is sampled on the rising edge of the clock In this state it may be driven by other
devices on the Inter-LERIC bus
COLN
TT
B Z
COL
lision on Port N This denotes that a collision is occurring on the port receiving the data packet (Port
N) The default condition of this signal is to be an input In this state it may be driven by other devices on
the Inter-LERIC bus
CLK
TT
I
20 MHz Clock Input This input is used to generate the LERIC’s timing reference for the state machines
and phase lock loop decoder The 20 MHz clock should have a 001% frequency tolerance and 40% –
60% duty cycle or better (ie 5050 duty cycle)
POWER AND GROUND PINS
VCC
Positive Supply
GND
Negative Supply
EXTERNAL DECODER PINS
RXM
TT
O
Receive Data Manchester Format
This output makes the data in Manchester format received by port
N available for test purposes If not used for testing this pin should be left open
Note
TT e TT
L compatible
B e B
i-directional
C e C
MOS compatible
OD e O
pen Drain
I e I
nput
O e O
utput
Z e
TRI-STATE
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com