Electronic Components Datasheet Search
  English  ▼

X  

RT9261 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9261
Description  VFM Step-up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9261 Datasheet HTML 1Page - Richtek Technology Corporation RT9261 Datasheet HTML 2Page - Richtek Technology Corporation RT9261 Datasheet HTML 3Page - Richtek Technology Corporation RT9261 Datasheet HTML 4Page - Richtek Technology Corporation RT9261 Datasheet HTML 5Page - Richtek Technology Corporation RT9261 Datasheet HTML 6Page - Richtek Technology Corporation RT9261 Datasheet HTML 7Page - Richtek Technology Corporation RT9261 Datasheet HTML 8Page - Richtek Technology Corporation RT9261 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9261/A
Preliminary
www.richtek-ic.com.tw
DS9261/A-03 January 2002
4
Electrical Characteristics (Refer to Fig. 3)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Output Voltage Accuracy
∆VOUT
-2
--
+2
%
Input Voltage
VIN
--
--
7
V
Start-up Voltage
VST
IOUT = 1mA, VIN : 0
→ 2V
--
0.85
1.0
V
Hold-on Voltage
VHO
IOUT = 1mA, VIN : 2
→ 0V
0.7
--
--
V
VOUT
≤ 3.5V
(1)
--
75
--
Efficiency
3.5V
< VOUT ≤ 5V
(2)
--
85
--
%
VOUT
≤ 3.5V
(1)
--
15
18
Input Current 1
3.5V
< VOUT ≤ 5V
(2)
To be measured at VIN at
no load
--
18
24
µA
VOUT
≤ 3.5V
(1)
--
5
8
Input Current 2
3.5V
< VOUT ≤ 5V
(2)
To be measured at VOUT
in switch off condition
--
6
10
µA
VOUT
≤ 3.5V
(1)
60
--
--
LX Switching
Current
3.5V
< VOUT ≤ 5V
(2) ISWITCHING
VLX = 0.4V
80
--
--
mA
LX Leakage Current
ILEAKAGE
VLX = 6V
--
--
0.5
µA
CE “H” Level
VIN = VOUT
× 0.9
0.4
× VOUT
--
--
V
CE “ L” Level
VIN = VOUT
× 0.9
--
--
0.2
V
CE “ H” Input Current
CE = VOUT
--
--
0.5
µA
CE “ L“ Input Current
CE = 0V
-0.5
--
--
µA
Maximum Oscillator Frequency
FMAX
80
120
160
KHz
Oscillator Duty Cycle
DOSC
On (VLX ” L” ) side
65
75
85
%
VLX Voltage Limit
LX switch on
0.65
0.8
1.0
V
Notes:
(1) Unless otherwise provided, VIN = 1.8V, VSS = 0V, IOUT = 10mA, TOPT = 25
°C, and use External Circuit of
Typical Application
(2) Unless otherwise provided, VIN = 3V, VSS = 0V, IOUT = 10mA, TOPT = 25
°C, and External Circuit of Typical
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com