Electronic Components Datasheet Search
  English  ▼

X  

RT9261 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9261
Description  VFM Step-up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9261 Datasheet HTML 3Page - Richtek Technology Corporation RT9261 Datasheet HTML 4Page - Richtek Technology Corporation RT9261 Datasheet HTML 5Page - Richtek Technology Corporation RT9261 Datasheet HTML 6Page - Richtek Technology Corporation RT9261 Datasheet HTML 7Page - Richtek Technology Corporation RT9261 Datasheet HTML 8Page - Richtek Technology Corporation RT9261 Datasheet HTML 9Page - Richtek Technology Corporation RT9261 Datasheet HTML 10Page - Richtek Technology Corporation RT9261 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
RT9261/A
DS9261/A-03 January 2002
www.richtek-ic.com.tw
7
Typical Application Circuit
Fig. 1
VOUT
Co
L1
VIN
LX
VOUT
GND
D1
+
_ 22µF
100
µH
1N5819
RT9261CX
Fig. 2
VOUT
Co
L1
VIN
EXT
VOUT
GND
D1
+
_ 22µF
27
µH
1N5819
0.01
µF
Cb
Rb
300
Ω
Tr
ZTX
650
RT9261ACX
Fig. 3
V
OUT
Co
L1
V
IN
LX
GND
D1
+
_ 22µF
100
µH
1N5819
EXT
VOUT
CE
NC
RT9261CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com