Electronic Components Datasheet Search
  English  ▼

X  

STD45NF75 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD45NF75
Description  N-CHANNEL 75V - 0.018 OHM -40A DPAK STripFETTMII POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD45NF75 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD45NF75 Datasheet HTML 2Page - STMicroelectronics STD45NF75 Datasheet HTML 3Page - STMicroelectronics STD45NF75 Datasheet HTML 4Page - STMicroelectronics STD45NF75 Datasheet HTML 5Page - STMicroelectronics STD45NF75 Datasheet HTML 6Page - STMicroelectronics STD45NF75 Datasheet HTML 7Page - STMicroelectronics STD45NF75 Datasheet HTML 8Page - STMicroelectronics STD45NF75 Datasheet HTML 9Page - STMicroelectronics STD45NF75 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STD45NF75
6/12
Thermal Resistance Rthj-a vs PCB Copper Area
Allowable Iav vs. Time in Avalanche
Max Power Dissipation vs PCB Copper Area
The previous curve gives the safe operating area for unclamped inductive loads, single pulse or repetitive,
under the following conditions:
PD(AVE) = 0.5 * (1.3 * BVDSS * IAV)
EAS(AR) = PD(AVE) * tAV
Where:
IAV is the Allowable Current in Avalanche
PD(AVE) is the Average Power Dissipation in Avalanche (Single Pulse)
tAV is the Time in Avalanche
To derate above 25 oC, at fixed IAV, the following equation must be applied:
IAV = 2 * (Tjmax - TCASE)/ (1.3 * BVDSS * Zth)
Where:
Zth = K * Rth is the value coming from Normalized Thermal Response at fixed pulse width equal to TAV .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com