Electronic Components Datasheet Search
  English  ▼

X  

74HC4046AD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74HC4046AD
Description  Phase-locked-loop with VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046AD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74HC4046AD Datasheet HTML 13Page - NXP Semiconductors 74HC4046AD Datasheet HTML 14Page - NXP Semiconductors 74HC4046AD Datasheet HTML 15Page - NXP Semiconductors 74HC4046AD Datasheet HTML 16Page - NXP Semiconductors 74HC4046AD Datasheet HTML 17Page - NXP Semiconductors 74HC4046AD Datasheet HTML 18Page - NXP Semiconductors 74HC4046AD Datasheet HTML 19Page - NXP Semiconductors 74HC4046AD Datasheet HTML 20Page - NXP Semiconductors 74HC4046AD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
1997 Nov 25
17
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
DC CHARACTERISTICS FOR 74HCT
Demodulator section
Voltages are referenced to GND (ground = 0 V)
AC CHARACTERISTICS FOR 74HCT
Phase comparator section
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
OTHER
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.
RS
resistor range
50
300
k
Ω
4.5
at RS > 300 kΩ
the leakage current can
influence VDEMOUT
VOFF
offset voltage
VCOIN to
VDEMOUT
±20
mV
4.5
VI =VVCOIN = 1/2 VCC;
values taken over
RS range; see Fig.15
RD
dynamic output
resistance at
DEMOUT
25
Ω
4.5
VDEMOUT = 1/2 VCC
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/
tPLH
propagation delay
SIGIN, COMPIN
to PC1OUT
23
40
50
60
ns
4.5
Fig.16
tPHL/
tPLH
propagation delay
SIGIN, COMPIN
to PCPOUT
35
68
85
102
ns
4.5
Fig.16
tPHL/
tPLH
propagation delay
SIGIN, COMPIN
to PC3OUT
28
54
68
81
ns
4.5
Fig.16
tPZH/
tPZL
3-state output enable
time SIGIN, COMPIN
to PC2OUT
30
56
70
84
ns
4.5
Fig.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com