Electronic Components Datasheet Search
  English  ▼

X  

74HC4046AD Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74HC4046AD
Description  Phase-locked-loop with VCO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046AD Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HC4046AD Datasheet HTML 15Page - NXP Semiconductors 74HC4046AD Datasheet HTML 16Page - NXP Semiconductors 74HC4046AD Datasheet HTML 17Page - NXP Semiconductors 74HC4046AD Datasheet HTML 18Page - NXP Semiconductors 74HC4046AD Datasheet HTML 19Page - NXP Semiconductors 74HC4046AD Datasheet HTML 20Page - NXP Semiconductors 74HC4046AD Datasheet HTML 21Page - NXP Semiconductors 74HC4046AD Datasheet HTML 22Page - NXP Semiconductors 74HC4046AD Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
1997 Nov 25
19
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
FIGURE REFERENCES FOR DC CHARACTERISTICS
Fig.12 Typical input resistance curve at SIGIN,
COMPIN.
Fig.13 Input resistance at SIGIN, COMPIN with
∆VI = 0.5 V at self-bias point.
Fig.14 Input current at SIGIN, COMPIN with
∆VI = 0.5 V at self-bias point.
Fig.15 Offset voltage at demodulator output as a
function of VCOIN and RS.
 RS =50kΩ
----RS = 300 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com