Electronic Components Datasheet Search
  English  ▼

X  

AM85C30-8PC Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM85C30-8PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8PC Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM85C30-8PC Datasheet HTML 15Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 16Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 17Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 18Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 19Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 20Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 21Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 22Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
AMD
19
Am85C30
D7 D6 D5 D4 D3 D2 D1 D0
Rx Character Available
Zero Count
Tx Buffer Empty
DCD
SYNC Hunt
CTS
Tx Underrun/EOM
Break Abort
Read Register 0
Read Register 3
D7 D6 D5 D4 D3 D2 D1 D0
Channel B EXT STAT IP*
Channel B Tx IP*
Channel B Rx IP*
Channel A EXT STAT IP*
Channel A Tx IP*
Channel A Rx IP*
0
0
*Always 0 in B Channel
Read Register 1
Read Register 6
D7 D6 D5 D4 D3 D2 D1 D0
All Sent
Residue Code 2
Residue Code 1
Residue Code 0
Parity Error
Rx Overrun Error
CRC Framing Error
End-of-Frame (SDLC)
D7 D6 D5 D4 D3 D2 D1 D0
BC0
BC1
BC2
BC3
BC4
BC5
BC6
BC7
LSB Byte
Count
Read Register 2
Read Register 7
D7 D6 D5 D4 D3 D2 D1 D0
V0
V1
V2
V3
V4
V5
V6
V7
D7 D6 D5 D4 D3 D2 D1 D0
10216F-12
Interrupt Vector*
*Modified in B Channel
BC8
BC9
BC10
BC11
BC12
BC13
FDA*
FOY**
10
× 19 bit
FIFO Status
14-Bit
MSB Byte
Count
14-Bit
*FIFO Data Available Status
**FIFO Overflow Status
Figure 8. Read Register Bit Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com