Electronic Components Datasheet Search
  English  ▼

X  

AM85C30-8PC Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM85C30-8PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-8PC Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM85C30-8PC Datasheet HTML 34Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 35Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 36Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 37Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 38Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 39Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 40Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 41Page - Advanced Micro Devices AM85C30-8PC Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
AMD
38
Am85C30
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Voltage at any Pin
Relative to VSS
–0.5 to +7.0 V
. . . . . . . . . . . . . . . . .
Stresses above those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent device failure. Functionality
at or above these limits is not implied. Exposure to absolute
maximum ratings for extended periods may affect device
reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)0
°C to +70°C
. . . . . . .
Supply Voltage (VCC)
+5 V
± 10%
. . . . . . . . . . . . .
Industrial (I) Devices
Ambient Temperature (TA)
–40
°C to +85°C
. . . . .
Supply Voltage (VCC)5 V
±10%
. . . . . . . . . . . . . .
Military (M) Devices
Case Temperature (TC)
–55
°C to 125°C
. . . . . . .
Supply Voltage (VCC)5 V
±10%
. . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating range
Parameter
Parameter
Symbol
Description
Test Conditions
Min
Max
Unit
VIH
Input High Voltage
Commercial
2.2
VCC +0.3*
V
VIL
Input Low Voltage
–0.3*
0.8
V
VOH1
Output High Voltage
IOH = –1.6 mA
2.4
V
VOH2
Output High Voltage
IOH = –250
µAVCC –0.8
V
VOL
Output Low Voltage
IOL = +2.0 mA
0.4
V
IIL
Input Leakage
0.4 V
≤ V
IN
≤ 2.4 V
±10.0
µA
IOL
Output Leakage
0.4 V
≤ V
OUT
≤ 2.4 V
±10.0
µA
ICC1
VCC Supply Current
8.192 MHz
18
mA
10 MHz
Inputs at
18
mA
12 MHz
voltage rails,
22
mA
16.384 MHz
output unloaded
22
mA
CIN
Input Capacitance
10
pF
COUT
Output Capacitance
15
pF
CMO
Bidirectional Capacitance
20
pF
Unmeasured pins returned
to ground = 1 MHz over
specified temperature range
*VIH Max and VIL Min not tested. Guaranteed by design.
Standard Test Conditions
The characteristics below apply for the following stan-
dard test conditions, unless otherwise noted. All
voltages are referenced to GND. Positive current flows
into the referenced pin. Standard conditions are as
follows:
+4.5 V
≤ VCC ≤ +5.5 V
GND = 0 V
0
°C ≤ TA ≤ 70°C
SWITCHING TEST CIRCUITS
Threshold
Voltage
From Output
Under Test
75 pF
75 pF
2.2 K
+5 V
From Output
Under Test
VT= 1.4 V
IOH = 250
µA
IOL =2 mA
Standard Test Dynamic Load Circuit
Open-Drain Test Load
10216F-23
10216F-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com