Electronic Components Datasheet Search
  English  ▼

X  

W162 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W162
Description  Spread Aware?? Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W162 Datasheet(HTML) 3 Page - Cypress Semiconductor

  W162 Datasheet HTML 1Page - Cypress Semiconductor W162 Datasheet HTML 2Page - Cypress Semiconductor W162 Datasheet HTML 3Page - Cypress Semiconductor W162 Datasheet HTML 4Page - Cypress Semiconductor W162 Datasheet HTML 5Page - Cypress Semiconductor W162 Datasheet HTML 6Page - Cypress Semiconductor W162 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
W162
Document #: 38-07150 Rev. *A
Page 3 of 7
Absolute Maximum Ratings[1]
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: TA =0°C to 70°C, VDD = 3.3V ±10%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
IDD
Supply Current
Unloaded, 100 MHz
40
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 12 mA (-19)
IOL = 8 mA (-9)
0.4
V
VOH
Output High Voltage
IOL = 12 mA (-19)
IOL = 8 mA (-9)
2.4
V
IIL
Input Low Current
VIN = 0V
–500
µA
IIH
Input High Current
VIN = VDD
10
µA
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±10%
Parameter
Description
Test Condition
Min
Typ
Max
Unit
fIN
Input Frequency
15
133
MHz
fOUT
Output Frequency
15-pF load[6]
15
133
MHz
tR
Output Rise Time (-09)[2]
2.0 to 0.8V, 15-pF load
2
2.5
ns
Output Rise Time (-19)[2]
2.0 to 0.8V, 20-pF load
1.5
ns
tF
Output Fall Time (-09)[2]
2.0 to 0.8V, 15-pF load
2
2.5
ns
Output Rise Time (-19)[2]
2.0 to 0.8V, 20-pF load
1.5
ns
tPD
FBIN to REF Skew[3, 4]
Measured at VDD/2
150
ps
tSK
Output to Output Skew
All outputs loaded equally
150
ps
tD
Duty Cycle
15-pF load[5]
45
50
55
%
tLOCK
PLL Lock Time
Power supply stable
1.0
ms
tJC
Jitter, Cycle-to-Cycle
250
ps
Notes:
1.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
2.
Long input rise and fall time will degrade skew and jitter performance.
3.
All AC specifications are measured with a 50
Ω transmission line, load terminated with 50Ω to 1.4V.
4.
Skew is measured at VDD/2 on rising edges.
5.
Duty cycle is measured at VDD/2
6.
For the higher drive -19, the load is 20 pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com