Electronic Components Datasheet Search
  English  ▼

X  

AOSS32136C Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOSS32136C
Description  20V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOSS32136C Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOSS32136C Datasheet HTML 1Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 2Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 3Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 4Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOSS32136C
General Description
Product Summary
VDS
ID (at VGS=4.5V)
6.5A
RDS(ON) (at VGS=4.5V)
< 20mΩ
RDS(ON) (at VGS=2.5V)
< 26mΩ
RDS(ON) (at VGS=1.8V)
< 45mΩ
ESD protection
Applications
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RqJL
20V N-Channel MOSFET
Orderable Part Number
Package Type
Form
Minimum Order Quantity
20V
• Trench Power MOSFET technology
• Low R
DS(ON)
• Low Gate Charge
• RoHS and Halogen-Free Compliant
TA=25°C
Thermal Characteristics
W
ID
38
6.5
Parameter
Max
°C
Units
Junction and Storage Temperature Range
-55 to 150
Typ
Maximum Junction-to-Ambient
A
°C/W
RqJA
70
100
90
AOSS32136C
SOT23-3
Tape & Reel
3000
V
A
Absolute Maximum Ratings TA=25°C unless otherwise noted
±12
V
Maximum
Units
TA=25°C
TA=70°C
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
63
125
80
• Ideal for Load Switch
Power Dissipation
B
0.8
TA=70°C
PD
20
1.3
Gate-Source Voltage
Pulsed Drain Current
C
5.0
Parameter
Drain-Source Voltage
Continuous Drain
Current
SOT23
Top View
Bottom View
D
G
S
G
S
D
G
D
S
Rev.2.0: January 2021
www.aosmd.com
Page 1 of 5


Similar Part No. - AOSS32136C

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOSS32128 AOSMD-AOSS32128 Datasheet
330Kb / 5P
20V N-Channel MOSFET
Rev.1.1: February 2022
More results

Similar Description - AOSS32136C

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com