Electronic Components Datasheet Search
  English  ▼

X  

AOSS32136C Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOSS32136C
Description  20V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOSS32136C Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOSS32136C Datasheet HTML 1Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 2Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 3Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 4Page - Alpha & Omega Semiconductors AOSS32136C Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOSS32136C
Symbol
Min
Typ
Max
Units
BVDSS
20
V
VDS=20V, VGS=0V
1
TJ=55°C
5
IGSS
±10
μA
VGS(th)
Gate Threshold Voltage
0.45
0.85
1.25
V
15
20
TJ=125°C
21
28
18
26
mΩ
30
45
mΩ
gFS
50
S
VSD
0.6
1
V
IS
2
A
Ciss
660
pF
Coss
100
pF
Crss
80
pF
Rg
2
4
6
Ω
Qg(4.5V)
7
14
nC
Qgs
1
nC
Qgd
2
nC
tD(on)
7
ns
tr
10
ns
tD(off)
32
ns
tf
11
ns
trr
8
ns
Qrr
6
nC
m
Ω
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250μA, VGS=0V
VDS=VGS, ID=250mA
VGS=4.5V, ID=6.5A
Gate resistance
f=1MHz
IDSS
μA
Zero Gate Voltage Drain Current
RDS(ON)
Static Drain-Source On-Resistance
VDS=0V, VGS=±12V
Maximum Body-Diode Continuous Current
Input Capacitance
Gate-Body leakage current
Diode Forward Voltage
DYNAMIC PARAMETERS
VGS=1.8V, ID=4.5A
Reverse Transfer Capacitance
VGS=0V, VDS=10V, f=1MHz
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
Turn-On DelayTime
VGS=4.5V, VDS=10V, ID=6.5A
APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO MAKE
CHANGES TO PRODUCT SPECIFICATIONS WITHOUT NOTICE. IT IS THE RESPONSIBILITY OF THE CUSTOMER TO EVALUATE SUITABILITY
OF THE PRODUCT FOR THEIR INTENDED APPLICATION. CUSTOMER SHALL COMPLY WITH APPLICABLE LEGAL REQUIREMENTS,
INCLUDING ALL APPLICABLE EXPORT CONTROL RULES, REGULATIONS AND LIMITATIONS.
AOS' products are provided subject to AOS' terms and conditions of sale which are set forth at:
http://www.aosmd.com/terms_and_conditions_of_sale
Output Capacitance
Forward Transconductance
IS=1A, VGS=0V
VDS=5V, ID=6.5A
VGS=2.5V, ID=6A
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=6.5A, di/dt=500A/ms
Turn-Off DelayTime
Turn-Off Fall Time
VGS=4.5V, VDS=10V, RL=1.54W,
RGEN=3W
IF=6.5A, di/dt=500A/ms
Turn-On Rise Time
Gate Source Charge
A. The value of RqJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RqJA is the sum of the thermal impedance from junction to lead RqJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedance which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev.2.0: January 2021
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com