Electronic Components Datasheet Search
  English  ▼

X  

LM4562 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4562
Description  Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4562 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM4562 Datasheet HTML 20Page - National Semiconductor (TI) LM4562 Datasheet HTML 21Page - National Semiconductor (TI) LM4562 Datasheet HTML 22Page - National Semiconductor (TI) LM4562 Datasheet HTML 23Page - National Semiconductor (TI) LM4562 Datasheet HTML 24Page - National Semiconductor (TI) LM4562 Datasheet HTML 25Page - National Semiconductor (TI) LM4562 Datasheet HTML 26Page - National Semiconductor (TI) LM4562 Datasheet HTML 27Page - National Semiconductor (TI) LM4562 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Application Information (Continued)
NOISE MEASUREMENT CIRCUIT
The LM4562 is a high speed op amp with excellent phase
margin and stability. Capacitive loads up to 100pF will cause
little change in the phase characteristics of the amplifiers
and are therefore allowable.
Capacitive loads greater than 100pF must be isolated from
the output. The most straightforward way to do this is to put
a resistor in series with the output. This resistor will also
prevent excess power dissipation if the output is accidentally
shorted.
20157227
Complete shielding is required to prevent induced pick up from external sources. Always check with oscilloscope for power line noise.
Total Gain: 115 dB @f=1kHz
Input Referred Noise Voltage: e
n = V0/560,000 (V)
RIAA Preamp Voltage Gain, RIAA
Deviation vs Frequency
Flat Amp Voltage Gain vs
Frequency
20157228
20157229
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com