Electronic Components Datasheet Search
  English  ▼

X  

LM4562 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4562
Description  Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4562 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4562 Datasheet HTML 6Page - National Semiconductor (TI) LM4562 Datasheet HTML 7Page - National Semiconductor (TI) LM4562 Datasheet HTML 8Page - National Semiconductor (TI) LM4562 Datasheet HTML 9Page - National Semiconductor (TI) LM4562 Datasheet HTML 10Page - National Semiconductor (TI) LM4562 Datasheet HTML 11Page - National Semiconductor (TI) LM4562 Datasheet HTML 12Page - National Semiconductor (TI) LM4562 Datasheet HTML 13Page - National Semiconductor (TI) LM4562 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Typical Performance Characteristics (Continued)
IMD vs Output Voltage
V
CC = 12V, VEE = –12V
R
L = 10k
Ω
IMD vs Output Voltage
V
CC = 17V, VEE = –17V
R
L = 10k
Ω
201572F0
201572F2
IMD vs Output Voltage
V
CC = 2.5V, VEE = –2.5V
R
L = 10k
Ω
Voltage Noise Density vs Frequency
201572E9
201572H6
Current Noise Density vs Frequency
Crosstalk vs Frequency
V
CC = 15V, VEE = –15V, VOUT =3VRMS
A
V = 0dB, RL =2k
Ω
201572H7
201572C8
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com