Electronic Components Datasheet Search
  English  ▼

X  

LTC1667 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1667
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1667 Datasheet(HTML) 2 Page - Linear Technology

  LTC1667 Datasheet HTML 1Page - Linear Technology LTC1667 Datasheet HTML 2Page - Linear Technology LTC1667 Datasheet HTML 3Page - Linear Technology LTC1667 Datasheet HTML 4Page - Linear Technology LTC1667 Datasheet HTML 5Page - Linear Technology LTC1667 Datasheet HTML 6Page - Linear Technology LTC1667 Datasheet HTML 7Page - Linear Technology LTC1667 Datasheet HTML 8Page - Linear Technology LTC1667 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1666/LTC1667/LTC1668
LTC1666CG
LTC1666IG
TJMAX = 110°C, θJA = 100°C/W
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DB14
DB15 (MSB)
CLK
VDD
DGND
VSS
COMP2
COMP1
IOUT A
IOUT B
LADCOM
AGND
IREFIN
REFOUT
Supply Voltage (VDD) ................................................ 6V
Negative Supply Voltage (VSS) ............................... – 6V
Total Supply Voltage (VDD to VSS) .......................... 12V
Digital Input Voltage .................... – 0.3V to (VDD + 0.3V)
Analog Output Voltage
(IOUT A and IOUT B) ........ (VSS – 0.3V) to (VDD + 0.3V)
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
NC
NC
NC
NC
DB10
DB11 (MSB)
CLK
VDD
DGND
VSS
COMP2
COMP1
IOUT A
IOUT B
LADCOM
AGND
IREFIN
REFOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
NC
NC
DB12
DB13 (MSB)
CLK
VDD
DGND
VSS
COMP2
COMP1
IOUT A
IOUT B
LADCOM
AGND
IREFIN
REFOUT
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1666C/LTC1667C/LTC1668C ........... 0
°C to 70°C
LTC1666I/LTC1667I/LTC1668I .......... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
TJMAX = 110°C, θJA = 100°C/W
TJMAX = 110°C, θJA = 100°C/W
LTC1668CG
LTC1668IG
ORDER PART
NUMBER
LTC1667CG
LTC1667IG
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com