Electronic Components Datasheet Search
  English  ▼

X  

LTC1667 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1667
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1667 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1667 Datasheet HTML 2Page - Linear Technology LTC1667 Datasheet HTML 3Page - Linear Technology LTC1667 Datasheet HTML 4Page - Linear Technology LTC1667 Datasheet HTML 5Page - Linear Technology LTC1667 Datasheet HTML 6Page - Linear Technology LTC1667 Datasheet HTML 7Page - Linear Technology LTC1667 Datasheet HTML 8Page - Linear Technology LTC1667 Datasheet HTML 9Page - Linear Technology LTC1667 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1666/LTC1667/LTC1668
Integral Nonlinearity
DIGITAL INPUT CODE
–5
–4
–2
–1
0
5
2
16384
32768
1666/7/8 G18
–3
3
4
1
49152
65535
TYPICAL PERFOR A CE CHARACTERISTICS
SFDR vs Digital Amplitude (dBFS)
and fCLOCK at fOUT = fCLOCK/11
Single-Ended Outputs
Full-Scale Transition
Differential Output
Full-Scale Transition
Single-Ended Output
Full-Scale Transition
Differential Output
Full-Scale Transition
Differential Midscale
Glitch Impulse
Single-Ended Midscale
Glitch Impulse
DIGITAL AMPLITUDE (dBFS)
100
95
90
85
80
75
70
65
60
55
50
1666/7/8 G10
–20
–15
–10
–5
0
455kHz AT 5MSPS
4.55MHz AT 50MSPS
2.277MHz AT 25MSPS
DIGITAL AMPLITUDE (dBFS)
100
95
90
85
80
75
70
65
60
55
50
1666/7/8 G11
–20
–15
–10
–5
0
1MHz AT 5MSPS
10MHz AT 50MSPS
5MHz AT 25MSPS
100mV
/DIV
CLK IN
5V/DIV
1666/7/8 G12
5ns/DIV
V(IOUTB)
V(IOUTA)
FFFF
0000
CLOCK INPUT
SFDR vs Digital Amplitude (dBFS)
and fCLOCK at fOUT = fCLOCK/5
100mV
/DIV
CLK IN
5V/DIV
1666/7/8 G13
5ns/DIV
V(IOUTA) – V(IOUTB)
FFFF
0000
100mV
/DIV
CLK IN
5V/DIV
1666/7/8 G14
5ns/DIV
V(IOUTA)
V(IOUTB)
FFFF
0000
CLOCK INPUT
100mV
/DIV
CLK IN
5V/DIV
1666/7/8 G15
5ns/DIV
V(IOUTA) – V(IOUTB)
FFFF
0000
1mV/DIV
CLK IN
5V/DIV
1666/7/8 G16
5ns/DIV
V(IOUTA), V(IOUTB)
7FFF
8000
1mV/DIV
CLK IN
5V/DIV
1666/7/8 G17
5ns/DIV
V(IOUTA) – V(IOUTB)
7FFF
8000
(LTC1668)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com