Electronic Components Datasheet Search
  English  ▼

X  

74HC4516 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC4516
Description  Binary up/down counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4516 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4516 Datasheet HTML 2Page - NXP Semiconductors 74HC4516 Datasheet HTML 3Page - NXP Semiconductors 74HC4516 Datasheet HTML 4Page - NXP Semiconductors 74HC4516 Datasheet HTML 5Page - NXP Semiconductors 74HC4516 Datasheet HTML 6Page - NXP Semiconductors 74HC4516 Datasheet HTML 7Page - NXP Semiconductors 74HC4516 Datasheet HTML 8Page - NXP Semiconductors 74HC4516 Datasheet HTML 9Page - NXP Semiconductors 74HC4516 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
December 1990
6
Philips Semiconductors
Product specification
Binary up/down counter
74HC/HCT4516
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to+85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
72
26
21
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.7
tPHL
propagation delay
MR to Qn
69
25
20
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.10
tPLH/ tPHL
propagation delay
PL to Qn
83
30
24
250
50
43
315
63
54
375
75
64
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CP to TC
74
27
22
260
52
44
325
65
55
395
78
66
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
CE to TC
36
13
10
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPLH
propagation delay
MR to TC
69
25
20
235
47
40
295
59
50
355
71
60
ns
2.0
4.5
6.0
Fig.10
tPLH/ tPHL
propagation delay
PL to TC
91
33
26
300
60
51
375
75
64
450
90
77
ns
2.0
4.5
6.0
Fig.9
tTLH/ tTHL
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.9
tW
clock pulse width CP,
CE HIGH or LOW
80
16
14
25
9
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
parallel load pulse
width HIGH
80
16
14
28
10
8
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.10
tW
master reset pulse
width HIGH
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com