Electronic Components Datasheet Search
  English  ▼

X  

74HC4516 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4516
Description  Binary up/down counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4516 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4516 Datasheet HTML 5Page - NXP Semiconductors 74HC4516 Datasheet HTML 6Page - NXP Semiconductors 74HC4516 Datasheet HTML 7Page - NXP Semiconductors 74HC4516 Datasheet HTML 8Page - NXP Semiconductors 74HC4516 Datasheet HTML 9Page - NXP Semiconductors 74HC4516 Datasheet HTML 10Page - NXP Semiconductors 74HC4516 Datasheet HTML 11Page - NXP Semiconductors 74HC4516 Datasheet HTML 12Page - NXP Semiconductors 74HC4516 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
December 1990
9
Philips Semiconductors
Product specification
Binary up/down counter
74HC/HCT4516
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to+125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
28
50
63
75
ns
4.5
Fig.7
tPHL
propagation delay
MR to Qn
24
42
53
63
ns
4.5
Fig.10
tPLH/ tPHL
propagation delay
PL to Qn
32
53
66
80
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CP to TC
29
58
73
87
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
CE to TC
18
31
39
47
ns
4.5
Fig.8
tPLH
propagation delay
MR to TC
31
50
63
75
ns
4.5
Fig.10
tPLH/ tPHL
propagation delay
PL to TC
34
68
85
102
ns
4.5
Fig.9
tTLH/ tTHL
output transition time
7
15
19
22
ns
4.5
Fig.9
tW
clock pulse width CP,
CE HIGH or LOW
16
9
20
24
ns
4.5
Fig.7
tW
parallel load pulse
width HIGH
16
8
20
24
ns
4.5
Fig.10
tW
master rest pulse
width HIGH
20
5
25
30
ns
4.5
Fig.10
trem
removal time
MR to CP
23
14
29
35
ns
4.5
Fig.10
trem
removal time
PL to CP
17
10
21
26
ns
4.5
Fig.10
tsu
set-up time
UP/DN to CP
20
11
25
30
ns
4.5
Fig.8
tsu
set-up time
CE to CP
20
9
25
30
ns
4.5
Fig.8
tsu
set-up time
Dn to PL
20
9
25
30
ns
4.5
Fig.11
th
hold time
CE to CP
10
9
13
15
ns
4.5
Fig.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com