Electronic Components Datasheet Search
  English  ▼

X  

PS10170CB Datasheet(PDF) 3 Page - STMicroelectronics

Part # PS10170CB
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PS10170CB Datasheet(HTML) 3 Page - STMicroelectronics

  PS10170CB Datasheet HTML 1Page - STMicroelectronics PS10170CB Datasheet HTML 2Page - STMicroelectronics PS10170CB Datasheet HTML 3Page - STMicroelectronics PS10170CB Datasheet HTML 4Page - STMicroelectronics PS10170CB Datasheet HTML 5Page - STMicroelectronics PS10170CB Datasheet HTML 6Page - STMicroelectronics PS10170CB Datasheet HTML 7Page - STMicroelectronics PS10170CB Datasheet HTML 8Page - STMicroelectronics PS10170CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID12541 Rev 4
3/10
STPS10170C
Characteristics
10
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current per diode
versus ambient temperature (δ = 0.5)
0
1
2
3
4
5
01
2
3
45
6
P
F(AV)(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
25
50
75
100
125
150
175
I
F(AV)(A)
R
th(j-a)=15°C/W
T
δ=tp/T
tp
R
th(j-a)=Rth(j-c)
Tamb(°C)
Figure 3. Normalized avalanche power derating
versus pulse duration at Tj = 125 °C
Figure 4. Relative variation of thermal
impedance junction to case versus pulse
duration
P(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 5. Reverse leakage current versus
reverse voltage applied (typical values,
per diode)
Figure 6. Junction capacitance versus reverse
voltage applied (typical values, per diode)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
25
50
75
100
125
150
175
I
R(µA)
T
j=150°C
T
j=125°C
T
j=25°C
T
j=75°C
T
j=175°C
VR(V)
10
100
1000
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com