Electronic Components Datasheet Search
  English  ▼

X  

PS10170CB Datasheet(PDF) 4 Page - STMicroelectronics

Part # PS10170CB
Description  High voltage power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PS10170CB Datasheet(HTML) 4 Page - STMicroelectronics

  PS10170CB Datasheet HTML 1Page - STMicroelectronics PS10170CB Datasheet HTML 2Page - STMicroelectronics PS10170CB Datasheet HTML 3Page - STMicroelectronics PS10170CB Datasheet HTML 4Page - STMicroelectronics PS10170CB Datasheet HTML 5Page - STMicroelectronics PS10170CB Datasheet HTML 6Page - STMicroelectronics PS10170CB Datasheet HTML 7Page - STMicroelectronics PS10170CB Datasheet HTML 8Page - STMicroelectronics PS10170CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS10170C
4/10
DocID12541 Rev 4
Figure 9. Thermal resistance junction to ambient versus copper surface under tab (D²PAK)
Figure 7. Forward voltage drop vs. forward
current (per diode)
Figure 8. Thermal resistance junction to
ambient versus copper surface under tab
(DPAK)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
FM(A)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com