Electronic Components Datasheet Search
  English  ▼

X  

TDA7560H Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7560H
Description  4 x 51 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7560H Datasheet HTML 2Page - STMicroelectronics TDA7560H Datasheet HTML 3Page - STMicroelectronics TDA7560H Datasheet HTML 4Page - STMicroelectronics TDA7560H Datasheet HTML 5Page - STMicroelectronics TDA7560H Datasheet HTML 6Page - STMicroelectronics TDA7560H Datasheet HTML 7Page - STMicroelectronics TDA7560H Datasheet HTML 8Page - STMicroelectronics TDA7560H Datasheet HTML 9Page - STMicroelectronics TDA7560H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
TDA7560
6/17
Doc ID 6886 Rev 6
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test and application diagram, VS = 14.4 V; RL = 4 ; Rg = 600 ; f = 1 kHz; Tamb
= 25 °C; unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Operating supply voltage
18
V
VCC (DC) DC supply voltage
28
V
VCC (pk)
Peak supply voltage (for t = 50 ms)
50
V
IO
Output peak current
Repetitive (duty cycle 10 % at f = 10 Hz)
Non repetitive (t = 100 µs)
9
10
A
A
Ptot
Power dissipation Tcase = 70 °C
80
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent current
RL = 
80
200
320
mA
VOS
Output offset voltage
Play Mode
-
-
±50
mV
dVOS
During mute ON/OFF output
offset voltage
--
-
±60
mV
Gv
Voltage gain
-
25
26
27
dB
dGv
Channel gain unbalance
-
-
-
±1
dB
Po
Output power
VS = 13.2 V; THD = 10 %
VS = 13.2 V; THD = 1 %
VS = 14.4 V; THD = 10 %
VS = 14.4 V; THD = 1 %
23
16
28
20
25
19
30
23
-W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com