Electronic Components Datasheet Search
  English  ▼

X  

TDA7560H Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7560H
Description  4 x 51 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7560H Datasheet HTML 4Page - STMicroelectronics TDA7560H Datasheet HTML 5Page - STMicroelectronics TDA7560H Datasheet HTML 6Page - STMicroelectronics TDA7560H Datasheet HTML 7Page - STMicroelectronics TDA7560H Datasheet HTML 8Page - STMicroelectronics TDA7560H Datasheet HTML 9Page - STMicroelectronics TDA7560H Datasheet HTML 10Page - STMicroelectronics TDA7560H Datasheet HTML 11Page - STMicroelectronics TDA7560H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
TDA7560
8/17
Doc ID 6886 Rev 6
2.4
Standard test and application circuit, and PCB layout
Figure 3.
Standard test and application circuit
Offset detector (Pin 25)
VM_ON
Mute voltage for DC offset
detection enabled
VST-BY = 5 V
8-
-
V
VM_OFF
--
6
V
VOFF
Detected differential output offset VST-BY = 5 V; Vmute = 8 V
±2
±3
±4
V
V25_T
Pin 25 voltage for detection =
True
VST-BY = 5 V; Vmute = 8 V
VOFF > ±4 V
0-
1.5
V
V25_F
Pin 25 voltage for detection =
False
VST-BY = 5 V; Vmute = 8 V
VOFF > ±2 V
12
-
-
V
1.
Saturated square wave output.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com