Electronic Components Datasheet Search
  English  ▼

X  

74HC534 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC534
Description  Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC534 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC534 Datasheet HTML 1Page - NXP Semiconductors 74HC534 Datasheet HTML 2Page - NXP Semiconductors 74HC534 Datasheet HTML 3Page - NXP Semiconductors 74HC534 Datasheet HTML 4Page - NXP Semiconductors 74HC534 Datasheet HTML 5Page - NXP Semiconductors 74HC534 Datasheet HTML 6Page - NXP Semiconductors 74HC534 Datasheet HTML 7Page - NXP Semiconductors 74HC534 Datasheet HTML 8Page - NXP Semiconductors 74HC534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1998 Apr 10
2
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state; inverting
74HC/HCT534
FEATURES
• 3-state inverting outputs for bus oriented applications
• 8-bit positive, edge-triggered register
• Common 3-state output enable input
• Output capability: bus driver
• ICC category: MSI.
GENERAL DESCRIPTION
The 74HC/HCT534 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT534 are octal D-type flip-flops featuring
separate D-type inputs for each flip-flop and inverting
3-state outputs for bus oriented applications. A clock (CP)
and an output enable (OE) input are common to all
flip-flops.
The 8 flip-flops will store the state of their individual
D-inputs that meet the set-up and hold times requirements
on the LOW-to-HIGH CP transition. When OE is LOW, the
contents of the 8 flip-flops are available at the outputs.
When OE is HIGH, the outputs go to the high impedance
OFF-state. Operation of the OE input does not affect the
state of the flip-flops.
The “534” is functionally identical to the “374”, but has
inverted outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz.
fo = output frequency in MHz.
∑ (CL × VCC2 × fo) = sum of outputs.
CL = output load capacitance in pF.
VCC = supply voltage in V.
2. For HC the condition is VI = GND to VCC; for HCT the condition is VI = GND to VCC − 1.5 V.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay CP to Qn
CL = 15 pF; VCC =5V
12
13
ns
fmax
maximum clock frequency
61
40
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per flip-flop
notes 1 and 2
19
19
pF
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC534
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
74HC534
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
74HCT534
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
74HCT534
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com