Electronic Components Datasheet Search
  English  ▼

X  

74HC534 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC534
Description  Octal D-type flip-flop; positive edge-trigger; 3-state; inverting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC534 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC534 Datasheet HTML 1Page - NXP Semiconductors 74HC534 Datasheet HTML 2Page - NXP Semiconductors 74HC534 Datasheet HTML 3Page - NXP Semiconductors 74HC534 Datasheet HTML 4Page - NXP Semiconductors 74HC534 Datasheet HTML 5Page - NXP Semiconductors 74HC534 Datasheet HTML 6Page - NXP Semiconductors 74HC534 Datasheet HTML 7Page - NXP Semiconductors 74HC534 Datasheet HTML 8Page - NXP Semiconductors 74HC534 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1998 Apr 10
3
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger;
3-state; inverting
74HC/HCT534
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
OE
3-state output enable input (active LOW)
2, 5, 6, 9, 12, 15, 16, 19
Q0 to Q7
3-state outputs
3, 4, 7, 8, 13, 14, 17, 18
D0 to D7
data inputs
10
GND
ground (0 V)
11
CP
clock input (LOW-to-HIGH, edge-triggered)
20
VCC
positive supply voltage
Fig.1 Pin configuration.
fpage
OE
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
VCC
Q7
D7
D6
Q5
D5
Q6
D4
Q4
CP
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
534
MGM954
Fig.2 Logic symbol.
page
MGM955
D0
D1
D2
D3
D4
D5
D6
D7
OE
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
Fig.3 IEC logic symbol.
fpage
MGM956
19
16
15
12
9
6
5
11
C1
1
EN
1D
2
18
17
14
13
8
7
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com