Electronic Components Datasheet Search
  English  ▼

X  

M74HC590 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M74HC590
Description  8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC590 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M74HC590 Datasheet HTML 4Page - STMicroelectronics M74HC590 Datasheet HTML 5Page - STMicroelectronics M74HC590 Datasheet HTML 6Page - STMicroelectronics M74HC590 Datasheet HTML 7Page - STMicroelectronics M74HC590 Datasheet HTML 8Page - STMicroelectronics M74HC590 Datasheet HTML 9Page - STMicroelectronics M74HC590 Datasheet HTML 10Page - STMicroelectronics M74HC590 Datasheet HTML 11Page - STMicroelectronics M74HC590 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M74HC590
8/15
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
TEST CIRCUIT
CL = 50pF/150pF or equivalent (includes jig and probe capacitance)
R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
tREM
Minimum Removal
Time (CCLR)
2.0
50
28
75
95
110
ns
4.5
7
151922
6.0
6
131619
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
40
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com