Electronic Components Datasheet Search
  English  ▼

X  

M74HC590 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC590
Description  8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC590 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC590 Datasheet HTML 1Page - STMicroelectronics M74HC590 Datasheet HTML 2Page - STMicroelectronics M74HC590 Datasheet HTML 3Page - STMicroelectronics M74HC590 Datasheet HTML 4Page - STMicroelectronics M74HC590 Datasheet HTML 5Page - STMicroelectronics M74HC590 Datasheet HTML 6Page - STMicroelectronics M74HC590 Datasheet HTML 7Page - STMicroelectronics M74HC590 Datasheet HTML 8Page - STMicroelectronics M74HC590 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
August 2001
s
HIGH SPEED:
fMAX = 61 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN) for QA ~ QH OUTPUT
|IOH| = IOL = 4mA (MIN) for RCO OUTPUT
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 590
DESCRIPTION
The M74HC590 is an high speed CMOS 8-BIT
BINARY
COUNTER
REGISTER
(3
STATE)
fabricated with silicon gate C2MOS technology.
This device contains an 8-bit binary counter that
feeds an 8-bit storage register. The storage
register has parallel outputs. Separate clocks are
provided for both the binary counter and storage
register. The binary counter features a direct clear
input CCLR and a count enable input CCKEN. For
cascading, a ripple carry output RCO is provided.
Expansion is easily accomplished by tying RCO of
the first stage to CCKEN of the second stage, etc.
Both the counter and register clocks are positive
edge triggered. If the user wishes to connect both
clocks together, the counter state will always be
one count ahead of the register. Internal circuitry
prevents clocking from the clock enable. All inputs
are equipped with protection circuits against static
discharge and transient excess voltage.
M74HC590
8 BINARY COUNTER REGISTER
WITH 3 STATE OUTPUT
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC590B1R
SOP
M74HC590M1R
M74HC590RM13TR
TSSOP
M74HC590TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC592 STMICROELECTRONICS-M74HC592 Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592 STMICROELECTRONICS-M74HC592 Datasheet
332Kb / 14P
8 BIT REGISTER BINARY COUNTER
Aug-2001
M74HC592B1R STMICROELECTRONICS-M74HC592B1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
M74HC592B1R STMICROELECTRONICS-M74HC592B1R Datasheet
332Kb / 14P
8 BIT REGISTER BINARY COUNTER
Aug-2001
M74HC592C1R STMICROELECTRONICS-M74HC592C1R Datasheet
282Kb / 13P
8 BIT REGISTER BINARY COUNTER
Oct-1993
More results

Similar Description - M74HC590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
Oct-1993
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
8-bit Register/Binary Counter
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
01-Jun-2004
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
8-bit Register/Binary Counter
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com