Electronic Components Datasheet Search
  English  ▼

X  

1SS303 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 1SS303
Description  SILICON SWITCHING DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS303 Datasheet(HTML) 4 Page - Renesas Technology Corp

  1SS303 Datasheet HTML 1Page - Renesas Technology Corp 1SS303 Datasheet HTML 2Page - Renesas Technology Corp 1SS303 Datasheet HTML 3Page - Renesas Technology Corp 1SS303 Datasheet HTML 4Page - Renesas Technology Corp 1SS303 Datasheet HTML 5Page - Renesas Technology Corp 1SS303 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D16308EJ2V0DS
2
1SS303
TYPICAL ELECTRICAL CURVES (TA = 25°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
VF - Forward Voltage - V
0
0.1
0.2
0.5
1
2
5
10
20
50
100
0.2
0.4
0.6
0.8
1.0
1.2
TERMINAL CAPACITANCE vs.
REVERSE VOLTAGE
VR - Reverse Voltage - V
0.5
1
2
5
10
20
50
100
0.1
0.2
0.5
1
2
5
10
20
REVERSE CURRENT vs.
REVERSE VOLTAGE
VR - Reverse Voltage - V
010
20
30
40
50
0.2
0.5
1
2
5
10
20
50
100
REVERSE RECOVERY TIME vs.
FORWARD CURRENT
IF - Forward Current - mA
0
20
40
60
80
100
4
8
12
16
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com