Electronic Components Datasheet Search
  English  ▼

X  

1SS305 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1SS305
Description  SILICON SWITCHING DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS305 Datasheet(HTML) 3 Page - Renesas Technology Corp

  1SS305 Datasheet HTML 1Page - Renesas Technology Corp 1SS305 Datasheet HTML 2Page - Renesas Technology Corp 1SS305 Datasheet HTML 3Page - Renesas Technology Corp 1SS305 Datasheet HTML 4Page - Renesas Technology Corp 1SS305 Datasheet HTML 5Page - Renesas Technology Corp 1SS305 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©
1987
SILICON SWITCHING DIODE
1SS305
HIGH SPEED SWITCHING
SILICON EPITAXIAL DIODE
DATA SHEET
Document No. D16310EJ2V0DS00 (2nd edition)
(Previous No. DC-2102)
Date Published July 2002 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
• Low capacitance: Ct = 4.0 pF MAX.
• High speed switching: trr = 3.0 ns MAX.
• Wide applications including switching, limitter, clipper.
ABSOLUTE MAXIMUM RATINGS
Maximum Voltages and Currents (TA = 25°C)
Peak Reverse Voltage
VRM
100
V
DC Reverse Voltage
VR
100
V
Peak Forward Current
IFM
300
mA
Average Rectified Current
IO
100
mA
DC Forward Current
IF
100
mA
Maximum Temperatures
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
Thermal Resistance
Junction to Ambient
Rth(j-a)
0.85
°C/mW
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF1
IF = 10 mA
720
850
mV
VF2
IF = 50 mA
850
1000
mV
Forward Voltage
VF3
IF = 100 mA
950
1200
mV
Reverse Current
IR
VR = 100 V
1.0
µA
Capacitance
Ct
VR = 0 V, f = 1.0 MHz
2.0
4.0
pF
Reverse Recovery Time
trr
IF = 10 mA, VR = 6 V, RL = 100
Ω,
See Test Circuit.
3.0
ns
PACKAGE DIMENSIONS (Unit: mm)
2.1
±0.1
1.25
±0.1
3
Marking
2
1
CONNECTION DIAGRAM (Top View)
2
1
3
1. N.C.
2. Anode
3. Cathode
Marking : A14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com