Electronic Components Datasheet Search
  English  ▼

X  

1SS305 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 1SS305
Description  SILICON SWITCHING DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS305 Datasheet(HTML) 4 Page - Renesas Technology Corp

  1SS305 Datasheet HTML 1Page - Renesas Technology Corp 1SS305 Datasheet HTML 2Page - Renesas Technology Corp 1SS305 Datasheet HTML 3Page - Renesas Technology Corp 1SS305 Datasheet HTML 4Page - Renesas Technology Corp 1SS305 Datasheet HTML 5Page - Renesas Technology Corp 1SS305 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D16310EJ2V0DS
2
1SS305
TYPICAL CHARACTERISTICS (TA = 25°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
VF - Forward Voltage - V
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
FORWARD VOLTAGE TEMPERATURE
COEFFICIENT vs. FORWARD CURRENT
IF - Forward Current - mA
0.1 0.2 0.5
1.0 2.0
5.0 10 20
50 100
0
1.0
2.0
3.0
REVERSE CURRENT vs.
REVERSE VOLTAGE
VR - Reverse Voltage - V
010
20
30
40
50
60
70
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
TA = 100˚C
TA = 25˚C
TERMINAL CAPACITANCE vs.
REVERSE VOLTAGE
VR - Reverse Voltage - V
12
4
6
8 10
20
30
0
1.0
2.0
3.0
f = 1.0 MHz
TA = 25˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com