Electronic Components Datasheet Search
  English  ▼

X  

74HCT595 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HCT595
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT595 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HCT595 Datasheet HTML 9Page - NXP Semiconductors 74HCT595 Datasheet HTML 10Page - NXP Semiconductors 74HCT595 Datasheet HTML 11Page - NXP Semiconductors 74HCT595 Datasheet HTML 12Page - NXP Semiconductors 74HCT595 Datasheet HTML 13Page - NXP Semiconductors 74HCT595 Datasheet HTML 14Page - NXP Semiconductors 74HCT595 Datasheet HTML 15Page - NXP Semiconductors 74HCT595 Datasheet HTML 16Page - NXP Semiconductors 74HCT595 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2003 Jun 25
13
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
AC CHARACTERISTICS
Family 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay
SH_CP to Q7’
see Fig.7
2.0
−
52
160
ns
4.5
−
19
32
ns
6.0
−
15
27
ns
propagation delay
ST_CP to Qn
see Fig.8
2.0
−
55
175
ns
4.5
−
20
35
ns
6.0
−
16
30
ns
tPHL
propagation delay
MR to Q7’
see Fig.10
2.0
−
47
175
ns
4.5
−
17
35
ns
6.0
−
14
30
ns
tPZH/tPZL
3-state output enable time
OE to Qn
see Fig.11
2.0
−
47
150
ns
4.5
−
17
30
ns
6.0
−
14
26
ns
tPHZ/tPLZ
3-state output disable time
OE to Qn
see Fig.11
2.0
−
41
150
ns
4.5
−
15
30
ns
6.0
−
12
26
ns
tW
shift clock pulse width
HIGH or LOW
see Fig.7
2.0
75
17
−
ns
4.5
15
6
−
ns
6.0
13
5
−
ns
storage clock pulse width
HIGH or LOW
see Fig.8
2.0
75
11
−
ns
4.5
15
4
−
ns
6.0
13
3
−
ns
master reset pulse width
LOW
see Fig.10
2.0
75
17
−
ns
4.5
15
6.0
−
ns
6.0
13
5.0
−
ns
tsu
set-up time DS to SH_CP
see Fig.9
2.0
50
11
−
ns
4.5
10
4.0
−
ns
6.0
9.0
3.0
−
ns
set-up time
SH_CP to ST_CP
see Fig.8
2.0
75
22
−
ns
4.5
15
8
−
ns
6.0
13
7
−
ns
th
hold time DS to SH_CP
see Fig.9
2.0
+3
−6
−
ns
4.5
+3
−2
−
ns
6.0
+3
−2
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com