Electronic Components Datasheet Search
  English  ▼

X  

74HCT595 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HCT595
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT595 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HCT595 Datasheet HTML 17Page - NXP Semiconductors 74HCT595 Datasheet HTML 18Page - NXP Semiconductors 74HCT595 Datasheet HTML 19Page - NXP Semiconductors 74HCT595 Datasheet HTML 20Page - NXP Semiconductors 74HCT595 Datasheet HTML 21Page - NXP Semiconductors 74HCT595 Datasheet HTML 22Page - NXP Semiconductors 74HCT595 Datasheet HTML 23Page - NXP Semiconductors 74HCT595 Datasheet HTML 24Page - NXP Semiconductors 74HCT595 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2003 Jun 25
21
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
handbook, full pagewidth
MSA697
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90%
10%
outputs
enabled
OE input
VM
tPZL
tPZH
VM
VM
Qn output
LOW-to-OFF
OFF-to-LOW
Qn output
HIGH-to-OFF
OFF-to-HIGH
tr
tf
90%
10%
Fig.11 Waveforms showing the 3-state enable and disable times for input OE.
74HC595: VM = 50%; VI = GND to VCC.
74HCT595: VM = 1.3 V; VI = GND to 3 V.
handbook, full pagewidth
MGK563
D.U.T
VCC
VCC
VI
VO
RT
RL = 1 kΩ
CL
50 pF
PULSE
GENERATOR
Fig.12 Test circuit for 3-state outputs.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
SWITCH
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com