Electronic Components Datasheet Search
  English  ▼

X  

TSP Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TSP
Description  Industrial Power Supplies TSP-Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSP Datasheet(HTML) 2 Page - TRACO Electronic AG

  TSP Datasheet HTML 1Page - TRACO Electronic AG TSP Datasheet HTML 2Page - TRACO Electronic AG TSP Datasheet HTML 3Page - TRACO Electronic AG TSP Datasheet HTML 4Page - TRACO Electronic AG TSP Datasheet HTML 5Page - TRACO Electronic AG TSP Datasheet HTML 6Page - TRACO Electronic AG TSP Datasheet HTML 7Page - TRACO Electronic AG TSP Datasheet HTML 8Page - TRACO Electronic AG TSP Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
http://www.tracopower.com
Page 2 of 9
Industrial Power Supplies
TSP Series
70–600 Watt
Input Specifications
Input voltage range
TSP 070/090 85 – 264 VAC universal input
other models: 85 – 132 / 187 – 264 VAC autoselect
output current derating at operation below 100 VAC see graph B, page 4
Input voltage frequency
47 – 63 Hz
Harmonic limits
EN 61000-3-2, Class A (for limited output power)
Holdup time
230 VAC 20 ms
115 VAC 10 ms at full load, 20 ms at 66% load
Inrush current
115 VAC
230 VAC
TSP 070/090 < 12 A
< 20 A
TSP 140/180 < 13 A
< 25 A
TSP 360 < 36 A
< 42 A
TSP 600 < 25 A
< 30 A
Recommended circuit breaker,
TSP 070/090/140/180
6.0 – 16.0 A
characteristic B
TSP 360 10.0 – 16.0 A
TSP 600 16.0 – 25.0 A
Efficiency
87 % typ.
Output Specifications
Output voltage adj. range
12 VDC models: 12 – 14 VDC
24 VDC models: 24 – 28 VDC
36 VDC model: 36 – 42 VDC
48 VDC models: 48 – 56 VDC
At output voltage higher than nominal output voltage
max. output current has to be reduced accordingly, in
order not to exceed max. output power.
Regulation
– Input variation
0.5 % max.
– Load variation (10–100 %)
0.5 % max.
Ripple and Noise (20MHz bandwidth)
100 mV pk-pk typ. (200 mV pk-pk max. at Imax)
Electronic short circuit protection
current limitation at Imax.
constant current, automatic recovery
Output overvoltage protection
12 VDC models: 20 V
24 VDC models: 35 V
36 VDC model: 43 V
48 VDC models: 60 V
Overload protection
electronic overload protection
Overtemperature protection
switch off at overtemperature, automatic restart
Power back immunity
12 VDC models: 16 V
24 VDC models: 35 V
36 VDC model: 48 V
48 VDC models: 63 V
Status indicator
dual color LED (green: DC ok, red: DC off)
Power OK signal
– trigger threshold:
12 VDC models: 9 – 11 V
24 VDC models: 18 – 22 V
36 VDC model: 27 – 34 V
48 VDC models: 36 – 46 V
– active output signal:
12 VDC models: 11.0 V ±1.0 V
(reference to –Vout)
(20 mA max. for TSP 070, 40 mA max. for TSP 140)
24 VDC models: 22.0 V ±2.0V / 20 mA max.
(10 mA max. for TSP 090, 20mA max. for others)
36 VDC model: 34.0 V ±2.0 V / 20 mA max.
48 VDC models: 44.0 V ±4.0 V / 15 mA max.
– relay output
DC OK = contact closed
rated: 30 VDC/1.0 A for 12/24 VDC models
rated: 30 VDC/2.0 A for 36 VDC model
rated: 48 VDC/0.5 A for 48 VDC models



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com