Electronic Components Datasheet Search
  English  ▼

X  

TSP Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TSP
Description  Industrial Power Supplies TSP-Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSP Datasheet(HTML) 4 Page - TRACO Electronic AG

  TSP Datasheet HTML 1Page - TRACO Electronic AG TSP Datasheet HTML 2Page - TRACO Electronic AG TSP Datasheet HTML 3Page - TRACO Electronic AG TSP Datasheet HTML 4Page - TRACO Electronic AG TSP Datasheet HTML 5Page - TRACO Electronic AG TSP Datasheet HTML 6Page - TRACO Electronic AG TSP Datasheet HTML 7Page - TRACO Electronic AG TSP Datasheet HTML 8Page - TRACO Electronic AG TSP Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
http://www.tracopower.com
Page 4 of 9
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Industrial Power Supplies
TSP Series
70–600 Watt
General Specifications
Environment
– Vibration acc. IEC 60068-2-6;
3 axis, sine sweep, 10 – 55 Hz, 1 g, 1 oct/min
– Shock acc. IEC 60068-2-27
3 axis, 15 g half sine, 11 ms
Enclosure material
aluminium (chassis) / stainless steel (cover)
Mounting
– DIN-rail mounting
for DIN-rails as per EN 50022-35x15/7.5
(snap-on with self-locking spring)
– Wall mounting (option)
with wall mounting bracket - see page 9
Connection
detachable screw terminals (plugs included)
2 terminals per output
Remote On/Off connection – 2 pin molex male terminal KK series
mating connector information (cable not included)
www.tracopower.com/products/tsp-jc.pdf
Installation instructions
www.tracopower.com/overview/tsp
Output Power Derating
Temperature [°C]
40
50
60
70
40
50
60
70
Input Voltage [VAC]
40
50
60
80
90
100
A)
Output Power Derating
vs Ambient Temperature
70
80
90
100
85 90 100 110 115
132
187
230 264
B)
Output Power Derating
vs Input Voltage
-25
TSP 070
TSP 140
TSP 090
TSP 180
TSP 360
TSP 600



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com