Electronic Components Datasheet Search
  English  ▼

X  

604D103F016JS2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 604D103F016JS2
Description  Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

604D103F016JS2 Datasheet(HTML) 5 Page - Vishay Siliconix

  604D103F016JS2 Datasheet HTML 1Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 2Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 3Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 4Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 5Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
604D
www.vishay.com
Vishay Sprague
Revision: 20-Jul-16
5
Document Number: 42040
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
75 WVDC AT +85 °C, SURGE = 100 V
220
604D221F075GJ2
19.05 x 41.28
0.650
0.384
0.78
270
604D271F075GL2
19.05 x 53.98
0.500
0.295
1.00
390
604D391F075HJ2
22.23 x 41.28
0.370
0.218
1.10
560
604D561F075HL2
22.23 x 53.98
0.290
0.171
1.40
820
604D821F075HP2
22.23 x 66.68
0.200
0.118
1.95
1000
604D102F075HS2
22.23 x 79.38
0.153
0.090
2.25
680
604D681F075JL2
25.04 x 53.98
0.230
0.136
1.85
1500
604D152F075JS2
25.04 x 79.38
0.130
0.077
2.95
1800
604D182F075JT2
25.04 x 92.08
0.100
0.059
3.55
100 WVDC AT +85 °C, SURGE = 125 V
150
604D151F100GJ2
19.05 x 41.28
1.000
0.530
0.70
180
604D181F100GL2
19.05 x 53.98
0.765
0.405
0.90
270
604D271F100HJ2
22.23 x 41.28
0.565
0.300
0.93
390
604D391F100HL2
22.23 x 53.98
0.435
0.230
1.20
560
604D561F100HP2
22.23 x 66.68
0.300
0.159
1.60
470
604D471F100JL2
25.04 x 53.98
0.340
0.180
1.55
820
604D821F100JP2
25.04 x 66.68
0.235
0.125
2.10
1000
604D102F100JS2
25.04 x 79.38
0.185
0.098
2.65
1200
604D122F100JT2
25.04 x 92.08
0.150
0.080
3.15
200 WVDC AT +85 °C, SURGE = 250 V
47
604D470F200GJ2
19.05 x 41.28
2.600
0.780
0.60
82
604D820F200GJ2
19.05 x 41.28
1.530
0.460
0.75
120
604D121F200HL2
22.23 x 53.98
1.300
0.390
0.95
180
604D181F200HP2
22.23 x 66.68
0.865
0.259
1.25
270
604D271F200HT2
22.23 x 92.08
0.520
0.156
1.90
220
604D221F200JP2
25.04 x 66.68
0.650
0.195
1.67
390
604D391F200JT2
25.04 x 92.08
0.405
0.122
2.50
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
(mm)
MAX. ESR
AT 100 kHz / 25 °C
(
)
MAX. Z
AT 100 kHz / 25 °C
(
)
MAX. RIPPLE
CURRENT
AT 100 kHz / 85 °C
(A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com