Electronic Components Datasheet Search
  English  ▼

X  

604D103F016JS2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 604D103F016JS2
Description  Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

604D103F016JS2 Datasheet(HTML) 2 Page - Vishay Siliconix

  604D103F016JS2 Datasheet HTML 1Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 2Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 3Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 4Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 5Page - Vishay Siliconix 604D103F016JS2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
604D
www.vishay.com
Vishay Sprague
Revision: 20-Jul-16
2
Document Number: 42040
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING EXAMPLE (1)
Electrolytic capacitor 604D series: 604D272F005GJ2
Note
(1) For lead (Pb)-free / RoHS compliant products add suffix “E3” to part number. Example: 604D272F005GJ2E3
DIMENSIONS AND AVAILABLE FORMS
PART NUMBER INFORMATION
604D
272
F
005
GJ
2
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
CASE CODE
CASE STYLE
Identifies
the series
name.
Expressed in μF.
The first two digits are
significant figures.
The third is the
number of zeros.
F = -10 % / +50 % (std.)
Expressed in
volts. The letter
“R” signifies a
decimal point
(i.e. 7R5 = 7.5 V).
See table
Dimensions
1 = PVC sleeve
2 = polyester sleeve (std.)
5 = polyester sleeve with epoxy end
seal (required for exposure to
halogenated cleaning solvents)
7 = PVC sleeve with epoxy end seal
(required for exposure to
halogenated cleaning solvents)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
(mm)
MAX. ESR
AT 100 kHz / 25 °C
(
)
MAX. Z
AT 100 kHz / 25 °C
(
)
MAX. RIPPLE
CURRENT
AT 100 kHz / 85 °C
(A)
5 WVDC AT +85 °C, SURGE = 7 V
2700
604D272F005GJ2
19.05 x 41.28
0.146
0.110
1.50
3300
604D332F005GL2
19.05 x 53.98
0.106
0.080
1.80
4700
604D472F005GP2
19.05 x 66.68
0.080
0.060
2.50
6800
604D682F005GS2
19.05 x 79.38
0.062
0.047
3.10
3900
604D392F005HJ2
22.23 x 41.28
0.095
0.071
1.90
5600
604D562F005HL2
22.23 x 53.98
0.070
0.053
2.50
6800
604D682F005HP2
22.23 x 66.68
0.052
0.039
3.20
10 000
604D103F005HS2
22.23 x 79.38
0.040
0.030
4.00
8200
604D822F005JL2
25.04 x 53.98
0.049
0.037
3.50
15 000
604D153F005JP2
25.04 x 66.68
0.035
0.026
4.60
18 000
604D183F005JS2
25.04 x 79.38
0.027
0.020
5.60
22 000
604D223F005JT2
25.04 x 92.08
0.022
0.017
7.00
PVC sleeve
2.50 typ.
(63.5)
+
-
+
2.50 typ.
(63.5)
-
L
D
D
Epoxy end seal
Styles 1 and 2
Styles 5 and 7
S
PVC sleeve
2.50 typ.
(63.5)
Lead diameter
No.18 AWG (0.040" [1.016 mm] Dia.)
+
-
+
2.50 typ.
(63.5)
-
L
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com