Electronic Components Datasheet Search
  English  ▼

X  

74HC646DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC646DB
Description  Octal bus transceiver/register; 3-state
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC646DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC646DB Datasheet HTML 4Page - NXP Semiconductors 74HC646DB Datasheet HTML 5Page - NXP Semiconductors 74HC646DB Datasheet HTML 6Page - NXP Semiconductors 74HC646DB Datasheet HTML 7Page - NXP Semiconductors 74HC646DB Datasheet HTML 8Page - NXP Semiconductors 74HC646DB Datasheet HTML 9Page - NXP Semiconductors 74HC646DB Datasheet HTML 10Page - NXP Semiconductors 74HC646DB Datasheet HTML 11Page - NXP Semiconductors 74HC646DB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1993
8
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT646
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
An,Bn to Bn,An
16
30
38
45
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CPAB,CPBA to Bn,An
23
44
55
66
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
SAB,SBA to Bn,An
26
46
58
69
ns
4.5
Fig.8
tPZH/ tPZL
3-state output enable time
OE to An,Bn
21
40
50
60
ns
4.5
Fig.9
tPHZ/ tPLZ
3-state output disable time
OE to An,Bn
20
35
44
53
ns
4.5
Fig.9
tPZH/ tPZL
3-state output enable time
DIR to An,Bn
21
40
50
60
ns
4.5
Fig.10
tPHZ/ tPLZ
3-state output disable time
DIR to An,Bn
21
35
44
53
ns
4.5
Fig.10
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.6 and Fig.8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
16
8
20
24
ns
4.5
Fig.7
tsu
set-up time
An,Bn to CPAB,CPBA
12
3
15
18
ns
4.5
Fig.7
th
hold time
An,Bn to CPAB,CPBA
5
1
5
5
ns
4.5
Fig.7
fmax
maximum clock pulse
frequency
30
77
24
20
MHz
4.5
Fig.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com