Electronic Components Datasheet Search
  English  ▼

X  

74HC646DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC646DB
Description  Octal bus transceiver/register; 3-state
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC646DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC646DB Datasheet HTML 4Page - NXP Semiconductors 74HC646DB Datasheet HTML 5Page - NXP Semiconductors 74HC646DB Datasheet HTML 6Page - NXP Semiconductors 74HC646DB Datasheet HTML 7Page - NXP Semiconductors 74HC646DB Datasheet HTML 8Page - NXP Semiconductors 74HC646DB Datasheet HTML 9Page - NXP Semiconductors 74HC646DB Datasheet HTML 10Page - NXP Semiconductors 74HC646DB Datasheet HTML 11Page - NXP Semiconductors 74HC646DB Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 1993
9
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT646
AC WAVEFORMS
Fig.6 Waveforms showing the input An, Bn to output Bn, An propagation delays and the output transition times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the An,Bn to CPAB, CPBA set-up and hold times, clock CPAB,CPBA pulse width,
maximum clock pulse frequency and the CPAB,CPBA to output Bn,An propagation delays.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8 Waveforms showing the input SAB,SBA to output Bn,An propagation delays and output transition times.
(1)
HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com