Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MPC8280
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MPC8280 Datasheet HTML 73Page - NXP Semiconductors MPC8280 Datasheet HTML 74Page - NXP Semiconductors MPC8280 Datasheet HTML 75Page - NXP Semiconductors MPC8280 Datasheet HTML 76Page - NXP Semiconductors MPC8280 Datasheet HTML 77Page - NXP Semiconductors MPC8280 Datasheet HTML 78Page - NXP Semiconductors MPC8280 Datasheet HTML 79Page - NXP Semiconductors MPC8280 Datasheet HTML 80Page - NXP Semiconductors MPC8280 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
77
Package Description
9.2
Mechanical Dimensions
This figure provides the mechanical dimensions and bottom surface nomenclature of the 480 TBGA
(ZU/VV) package. See Table 2, “HiP7 PowerQUICC II Device Packages.”
Figure 17. Mechanical Dimensions and Bottom Surface Nomenclature—480 TBGA
Dim
Millimeters
Min
Max
A
1.45
1.65
A1
0.60
0.70
A2
0.85
0.95
A3
0.25
—
b
0.65
0.85
D
37.50 BSC
D1
35.56 REF
e
1.27 BSC
E
37.50 BSC
E1
35.56 REF
Notes:
1. Dimensions and Tolerancing per ASME Y14.5M-1994.
2. Dimensions in millimeters.
3. Dimension b is measured at the maximum solder ball diameter, parallel to primary data A.
4. Primary data A and the seating plane are defined by the spherical crowns of the solder balls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com