Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC8280
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC8280 Datasheet HTML 75Page - NXP Semiconductors MPC8280 Datasheet HTML 76Page - NXP Semiconductors MPC8280 Datasheet HTML 77Page - NXP Semiconductors MPC8280 Datasheet HTML 78Page - NXP Semiconductors MPC8280 Datasheet HTML 79Page - NXP Semiconductors MPC8280 Datasheet HTML 80Page - NXP Semiconductors MPC8280 Datasheet HTML 81Page - NXP Semiconductors MPC8280 Datasheet HTML 82Page - NXP Semiconductors MPC8280 Datasheet HTML 83Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
79
Ordering Information
10 Ordering Information
This figure provides an example of the Freescale part numbering nomenclature for the SoC. In addition to
the processor frequency, the part numbering scheme also consists of a part modifier that indicates any
enhancement(s) in the part from the original production design. Each part number also contains a revision
code that refers to the die mask revision number and is specified in the part numbering scheme for
identification purposes only. For more information, contact your local Freescale sales office.
Figure 19. Freescale Part Number Key
11 Document Revision History
This table summarizes changes to this document.
Table 27. Document Revision History
Revision
Date
Substantive Changes
2
09/2011
In Figure 19, “Freescale Part Number Key,” added speed decoding information below processor
frequency information.
1.8
07/2007
• Updated the entire document, adding information on the VV package.
1.7
12/2006
• Section 6, “AC Electrical Characteristics,” removed deratings statement and clarified AC
timing descriptions.
1.6
05/2006
• Table 11: Added text to clarify that Data Bus Parity is not supported at 66 Mhz.
• Table 11: Added text to clarify that Data Bus ECC is supported at 66 Mhz
• Table 11: Added note to DP pins to show it is not supported at 66 MHz
• Table 12: Added note to support 1 ns hold time
1.5
03/2006
• Added Section 6.3, “JTAG Timings”
Product code
Device number
Processor frequency
Die revision level
MPC 82XX C ZU XXX
(CPU/CPM/Bus in MHz)
X
Temperature range
Blank = 0T
A
to 105Tj
C = (–40)T
A
– 105Tj
B = 66
E = 100
F = 133
I = 200
M = 266
P = 300
T = 400
Package
ZU = 480 TBGA lead spheres
VV = 480 TBGA lead-free spheres
VR = 516 PBGA lead-free spheres
ZQ = 516 PBGA lead sphere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com