Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC8270
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC8270 Datasheet HTML 1Page - NXP Semiconductors MPC8270 Datasheet HTML 2Page - NXP Semiconductors MPC8270 Datasheet HTML 3Page - NXP Semiconductors MPC8270 Datasheet HTML 4Page - NXP Semiconductors MPC8270 Datasheet HTML 5Page - NXP Semiconductors MPC8270 Datasheet HTML 6Page - NXP Semiconductors MPC8270 Datasheet HTML 7Page - NXP Semiconductors MPC8270 Datasheet HTML 8Page - NXP Semiconductors MPC8270 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Overview
1Overview
This table shows the functionality supported by each SoC in the MPC8280 family.
Devices in the MPC8280 family are available in four packages—the standard ZU and VV packages and
the alternate VR or ZQ packages—as shown in Table 2. Note that throughout this document, references to
the MPC8280 and the MPC8270 are inclusive of VR and ZQ package devices unless otherwise specified.
For more information on VR and ZQ packages, contact your Freescale sales office. For package ordering
information, see Section 10, “Ordering Information.”
Table 1. MPC8280 PowerQUICC II Family Functionality
Functionality
SoCs
MPC8270
MPC8275
MPC8280
Package1
1 See Table 2.
480 TBGA
516 PBGA
516 PBGA
480 TBGA
Serial communications controllers (SCCs)
4
4
4
4
QUICC multi-channel controller (QMC)
—
—
—
—
Fast communication controllers (FCCs)
3
3
3
3
I-Cache (Kbyte)
16
16
16
16
D-Cache (Kbyte)
16
16
16
16
Ethernet (10/100)
3
3
3
3
UTOPIA II Ports
0
0
2
2
Multi-channel controllers (MCCs)
1
1
1
2
PCI bridge
Yes
Yes
Yes
Yes
Transmission convergence (TC) layer
—
—
—
Yes
Inverse multiplexing for ATM (IMA)
—
—
—
Yes
Universal serial bus (USB) 2.0 full/low rate
1
1
1
1
Security engine (SEC)
—
—
—
—
Table 2. HiP7 PowerQUICC II Device Packages
Code
(Package)
ZU
(480 TBGA—Leaded)
VV
(480 TBGA—Lead Free)
VR
(516 PBGA—Lead free)
ZQ
(516 PBGA—Lead spheres)
Device
MPC8280
MPC8280
MPC8275VR
MPC8275ZQ
MPC8270
MPC8270
MPC8270VR
MPC8270ZQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com