Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MPC8270
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MPC8270 Datasheet HTML 30Page - NXP Semiconductors MPC8270 Datasheet HTML 31Page - NXP Semiconductors MPC8270 Datasheet HTML 32Page - NXP Semiconductors MPC8270 Datasheet HTML 33Page - NXP Semiconductors MPC8270 Datasheet HTML 34Page - NXP Semiconductors MPC8270 Datasheet HTML 35Page - NXP Semiconductors MPC8270 Datasheet HTML 36Page - NXP Semiconductors MPC8270 Datasheet HTML 37Page - NXP Semiconductors MPC8270 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
34
Freescale Semiconductor
Clock Configuration Modes
1 The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a table entry
guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose of illustration only.
Users must select a mode and input bus frequency so that the resulting configuration does not violate the frequency rating of
the user’s device. The minimum CPM frequency is 120 MHz. Minimum CPU frequency is determined by the clock mode. For
modes with a CPU multiplication factor <= 3, the minimum CPU frequency is 150 MHz for commercial temperature devices
and 175 MHz for extended temperature devices. For modes with a CPU multiplication factor >= 3.5: for Rev0.1 the minimum
CPU frequency is 250 MHz; for Rev A or later the minimum CPU frequency is 150 MHz for commercial temperature devices
and 175 MHz for extended temperature devices.
2 As Table 17 shows, PCI_MODCK determines the PCI clock frequency range. See Table 20 for lower configurations.
3 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4 60x and local bus frequency. Identical to CLKIN.
5 CPM multiplication factor = CPM clock/bus clock
6 CPU multiplication factor = Core PLL multiplication factor
Table 20. Clock Configurations for PCI Host Mode (PCI_MODCK=1)1,2
Mode3
Bus Clock4
(MHz)
CPM
Multiplication
Factor5
CPM Clock
(MHz)
CPU
Multiplication
Factor6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High
Default Modes (MODCK_H=0000)
0000_000
60.0
100.0
2
120.0 200.0
2.5
150.0 250.0
4
30.0
50.0
0000_001
50.0
100.0
2
100.0 200.0
3
150.0 300.0
4
25.0
50.0
0000_010
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0
50.0
0000_011
60.0
120.0
2.5
150.0 300.0
3.5
210.0 420.0
6
25.0
50.0
0000_100
60.0
120.0
2.5
150.0 300.0
4
240.0 480.0
6
25.0
50.0
0000_101
50.0
100.0
3
150.0 300.0
3
150.0 300.0
6
25.0
50.0
0000_110
50.0
100.0
3
150.0 300.0
3.5
175.0 350.0
6
25.0
50.0
0000_111
50.0
100.0
3
150.0 300.0
4
200.0 400.0
6
25.0
50.0
Full Configuration Modes
0001_000
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0
50.0
0001_001
50.0
100.0
3
150.0 300.0
6
300.0 600.0
6
25.0
50.0
0001_010
50.0
100.0
3
150.0 300.0
7
350.0 700.0
6
25.0
50.0
0001_011
50.0
100.0
3
150.0 300.0
8
400.0 800.0
6
25.0
50.0
0010_000
50.0
100.0
4
200.0 400.0
5
250.0 500.0
8
25.0
50.0
0010_001
50.0
100.0
4
200.0 400.0
6
300.0 600.0
8
25.0
50.0
0010_010
50.0
100.0
4
200.0 400.0
7
350.0 700.0
8
25.0
50.0
0010_011
50.0
100.0
4
200.0 400.0
8
400.0 800.0
8
25.0
50.0
0010_100
37.5
75.0
4
150.0 300.0
5
187.5 375.0
6
25.0
50.0
0010_101
37.5
75.0
4
150.0 300.0
5.5
206.3 412.5
6
25.0
50.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com