Electronic Components Datasheet Search
  English  ▼

X  

LTC3631 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3631
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3631 Datasheet HTML 16Page - Linear Technology LTC3631 Datasheet HTML 17Page - Linear Technology LTC3631 Datasheet HTML 18Page - Linear Technology LTC3631 Datasheet HTML 19Page - Linear Technology LTC3631 Datasheet HTML 20Page - Linear Technology LTC3631 Datasheet HTML 21Page - Linear Technology LTC3631 Datasheet HTML 22Page - Linear Technology LTC3631 Datasheet HTML 23Page - Linear Technology LTC3631 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3646/LTC3646-1
20
36461fc
For more information www.linear.com/LTC3646
The following list summarizes the three possible connec-
tions for EXTVCC:
1. EXTVCCgrounded.ThiswillcauseINTVCCtobepowered
from the internal 5.0V regulator.
2. EXTVCC connected directly to VOUT. This is the normal
connection for a 4.5V to 6V regulated output and pro-
vides the highest efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available in the 4.5V to 6V range, it may be
used to power EXTVCC. Ensure that EXTVCC < VIN.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3646.
1. Does the capacitor CPVIN connect to PVIN and PGND
as close to the pins as possible? These capacitors
provide the AC current to the internal power MOSFETs
and drivers. The (–) plate of CPVIN should be closely
connected to PGND and the (–) plate of COUT.
2. The output capacitor, COUT, and inductor L1 should
be closely connected to minimize loss. The (–) plate
of COUT should be closely connected to PGND and the
(–) plate of CIN.
3. The resistive divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground line termi-
nated near SGND. The feedback signal, VFB, should be
routedawayfromnoisycomponentsandtracessuchas
the SW line, and its trace length should be minimized.
In addition, RT and the loop compensation components
should be terminated to SGND.
4. Keep sensitive components away from the SW pin. The
RRT resistor, the feedback resistors, the compensation
components, and the INTVCC bypass capacitor should
all be routed away from the SW trace and the inductor.
5. A ground plane is preferred, but if not available the
signal and power grounds should be segregated with
both connecting to a common, low noise reference
point. The point at which the ground terminals of the
VIN and VOUT bypass capacitors are connected makes a
good, low noise reference point. The connection to the
PGND pin should be made with a minimal resistance
trace from the reference point.
6. Flood all unused areas on all layers with copper in order
to reduce the temperature rise of power components.
Thesecopperareasshouldbeconnectedtotheexposed
backside connection of the IC.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com