Electronic Components Datasheet Search
  English  ▼

X  

LTC3631 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3631
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3631 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3631 Datasheet HTML 17Page - Linear Technology LTC3631 Datasheet HTML 18Page - Linear Technology LTC3631 Datasheet HTML 19Page - Linear Technology LTC3631 Datasheet HTML 20Page - Linear Technology LTC3631 Datasheet HTML 21Page - Linear Technology LTC3631 Datasheet HTML 22Page - Linear Technology LTC3631 Datasheet HTML 23Page - Linear Technology LTC3631 Datasheet HTML 24Page - Linear Technology LTC3631 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3646/LTC3646-1
21
36461fc
For more information www.linear.com/LTC3646
APPLICATIONS INFORMATION
Figure 7. Example of Power Component Layout for DFN Package.
Because of the Similar Pinout, MSE Package Layout is Similar
3646 F07
PVIN
SW
CPVIN
COUT
VOUT
L1
CBOOST
CVCC
CSVIN
RSVIN
CCOMP
RPGOOD
RRT
RCOMP
CF
R1
R2
GND
VIA TO VOUT
VIA TO PVIN
VIA TO INTVCC
VIA TO GND
Figure 8. Board Layout Schematic
PVIN
SVIN
RUN
INTVCC
PGOOD
ITH
RT
MODE/SYNC
EXTVCC
BOOST
SW
VON
VFB
+ –
SWITCH
CONTROL
LTC3646
RPGOOD
L1
SGND
PGND
CBOOST
R1
CIN
10µF
0.6V
RRT
RCOMP
R2
3646 F08
COUT
VOUT
CF
CVCC
CCOMP
PVIN
RSVIN
CSVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com