Electronic Components Datasheet Search
  English  ▼

X  

HC646 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HC646
Description  Octal bus transceiver/register; 3-state
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HC646 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HC646 Datasheet HTML 2Page - NXP Semiconductors HC646 Datasheet HTML 3Page - NXP Semiconductors HC646 Datasheet HTML 4Page - NXP Semiconductors HC646 Datasheet HTML 5Page - NXP Semiconductors HC646 Datasheet HTML 6Page - NXP Semiconductors HC646 Datasheet HTML 7Page - NXP Semiconductors HC646 Datasheet HTML 8Page - NXP Semiconductors HC646 Datasheet HTML 9Page - NXP Semiconductors HC646 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 1993
6
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT646
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
An,Bn to Bn,An
39
14
11
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
CPAB,CPBA to Bn,An
66
24
19
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
SAB,SBA to Bn,An
55
20
16
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.8
tPZH/ tPZL
3-state output enable
time
OE to An,Bn
47
17
14
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPHZ/ tPLZ
3-state output disable
time OE to An,Bn
58
21
17
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPZH/ tPZL
3-state output enable
time DIR to An,Bn
50
18
14
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.10
tPHZ/ tPLZ
3-state output disable
time DIR to An,Bn
50
18
14
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.10
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6 and Fig.8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
80
16
14
25
9
7
100
24
20
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
An,Bn to CPAB,CPBA
60
12
10
−3
−1
−1
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
th
hold time
An,Bn to CPAB,CPBA
35
7
6
6
2
2
45
9
8
55
11
9
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
6.0
30
35
21
63
75
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com