Electronic Components Datasheet Search
  English  ▼

X  

74HC7597 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC7597
Description  8-bit shift register with input latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7597 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC7597 Datasheet HTML 4Page - NXP Semiconductors 74HC7597 Datasheet HTML 5Page - NXP Semiconductors 74HC7597 Datasheet HTML 6Page - NXP Semiconductors 74HC7597 Datasheet HTML 7Page - NXP Semiconductors 74HC7597 Datasheet HTML 8Page - NXP Semiconductors 74HC7597 Datasheet HTML 9Page - NXP Semiconductors 74HC7597 Datasheet HTML 10Page - NXP Semiconductors 74HC7597 Datasheet HTML 11Page - NXP Semiconductors 74HC7597 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
December 1990
8
Philips Semiconductors
Product specification
8-bit shift register with input latches
74HC/HCT7597
trem
removal time
MR to PL
100
20
17
22
8
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
Dn to LE
80
16
14
6
2
2
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
DS to SHCP
80
16
14
11
4
3
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
PL to SHCP
80
16
14
8
3
2
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
th
hold time
Dn to LE
4
4
4
−3
−1
−1
4
4
4
4
4
4
ns
2.0
4.5
6.0
Fig.7
th
hold time
DS to SHCP
2
2
2
−8
−3
−2
2
2
2
2
2
2
ns
2.0
4.5
6.0
Fig.7
th
hold time
PL to SHCP
2
2
2
−8
−3
−2
2
2
2
2
2
2
ns
2.0
4.5
6.0
Fig.7
fmax
maximum pulse frequency
SHCP
6.0
30
35
30
90
107
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com