Electronic Components Datasheet Search
  English  ▼

X  

TYL Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TYL
Description  DC/DC Converter TYL/TVL Series 1.5-5 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TYL Datasheet(HTML) 3 Page - TRACO Electronic AG

  TYL Datasheet HTML 1Page - TRACO Electronic AG TYL Datasheet HTML 2Page - TRACO Electronic AG TYL Datasheet HTML 3Page - TRACO Electronic AG TYL Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.tracopower.com
Page 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Physical Specifications
Case material
Steel chrome-nickel plated
Potting material
Silicon rubber TSE (flammability to UL94V-0)
Weight
TYL models:
14 g (0.49 oz)
TVL models:
31 g (1.09 oz)
Soldering temperature
max. 260 °C / 10 sec.
Application
DC/DC Converter
TYL/TVL Series 1.5-5 Watt
Ripple an noise reduction to <2mVpk-pk
Single output models:
Dual output models:
Use external capacitores to reduce ripple an noise
TVL
TYL
C1: 47 µF/10V
10 µF/10V
C2: 1 µF/16V
1 µF/16V
C3: 470 nF
470 nF
TVL
TYL
C1:
47 µF/10V
10 µF/10V
C2+C3:
2.2 µF/16V
1 µF/16V
C4+C5:
470 nF
470 nF
Common
–Vout
+Vout
TYL / TVL
TYL / TVL
+Vin
low ESR type
+Vin
–Vin
C1
–Vin
+Vin
–Vin
=
C1
Tantalum
C2
C3
C4
C5
C2
C3
=
Tantalum
Ceramic
Ceramic
Tantalum
Ceramic
low ESR type
–Vout
+Vout
+Vin
–Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com