Electronic Components Datasheet Search
  English  ▼

X  

TYL Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TYL
Description  DC/DC Converter TYL/TVL Series 1.5-5 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TYL Datasheet(HTML) 1 Page - TRACO Electronic AG

  TYL Datasheet HTML 1Page - TRACO Electronic AG TYL Datasheet HTML 2Page - TRACO Electronic AG TYL Datasheet HTML 3Page - TRACO Electronic AG TYL Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.tracopower.com
Page 1
Features
DC/DC Converter
TYL/TVL Series 1.5-5 Watt
Models
Ultra low Ripple and Noise
Full SMD-Design with Ceramic
Capacitores
Tightly regulated Outputs
High Output Stability
Short Circuit Protection
Shielded Metal Case
Single- and Dual Output Models
2 Year Product Warranty
The TYL and TVL Series are DC/DC-Converter with very low output
ripple and noise specification. These DC/DC-Converter are an
ideal solution for noise sensitive applications as analoge circuits,
audio applications, reference voltages or mesuring systems. SMD-
technology and a 100 % production test ensure a very high
reliability of these products.
Ordercode
Input voltage range
Output 1
Output 2
Ripple and noise max.
TYL 05-05S30
5 VDC / 300 mA
6 mVpk-pk
TYL 05-12S12
12 VDC / 120 mA
6 mVpk-pk
TYL 05-15S10
4.75 – 6 VDC
15 VDC / 100 mA
6 mVpk-pk
TYL 05-05W08
+ 5 VDC / 80 mA
– 5 VDC / 80 mA
6 mVpk-pk
TYL 05-12W06
+12 VDC / 65 mA
–12 VDC / 65 mA
6 mVpk-pk
TYL 05-15W05
+15 VDC / 53 mA
–15 VDC / 53 mA
6 mVpk-pk
TVL 05-1220
+12 VDC / 200 mA
–12 VDC / 200 mA
3 mVpk-pk
TVL 05-1225
4.75 – 6 VDC
+12 VDC / 250 mA
–12 VDC / 125 mA
3 mVpk-pk
TVL 05-1516
+15 VDC / 165 mA
–15 VDC / 165 mA
3 mVpk-pk
TVL 05-1520
+15 VDC / 200 mA
–15 VDC / 100 mA
3 mVpk-pk


Similar Description - TYL

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ Datasheet
148Kb / 3P
1.5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
5 Watt | DC-DC Converter
AM2LW-NZ AIMTEC-AM2LW-NZ_13 Datasheet
247Kb / 3P
1.5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
5 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
5 Watt DC/DC Converter
logo
AIMTEC
AM2LW-NZ AIMTEC-AM2LW-NZ_16 Datasheet
149Kb / 3P
1.5 Watt | DC-DC Converter
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com