Electronic Components Datasheet Search
  English  ▼

X  

S30GR2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # S30GR2C
Description  Highest Flux Red
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S30GR2C Datasheet(HTML) 1 Page - HB Electronic Components

  S30GR2C Datasheet HTML 1Page - HB Electronic Components S30GR2C Datasheet HTML 2Page - HB Electronic Components S30GR2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page: 1 of 3
HEAT SLUG
Part No. S30GR2C
Features
Highest Flux Red
High reliability and Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
NO UV
Superior ESD protection
Typical Applications
Reading lights(car,bus,aircraft)
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
Decorative
NOTE:
All dimensions are millimetres.
Tolerance is f 0.1mm unless otherivise noted
Ta=25¡ ãC
IF=20mA
0
90¡ ã
0.5
1.0
0¡ ã
Radiation Angle
60¡ ã
30¡ ã
0.5
0¡ ã
DIRECTIVITY
30¡ ã
1.0
90¡ ã
60¡ ã


Similar Part No. - S30GR2C

ManufacturerPart #DatasheetDescription
logo
Delkin Devices.
S30GMMUAL-C1000-4 DELKINDEVICES-S30GMMUAL-C1000-4 Datasheet
255Kb / 2P
micro SD / SDHC / SDXC Cards
Feb 2019
S30GTLNCN-C1000-3 DELKINDEVICES-S30GTLNCN-C1000-3 Datasheet
255Kb / 2P
micro SD / SDHC / SDXC Cards
Feb 2019
S30GTLNJM-C1000-3 DELKINDEVICES-S30GTLNJM-C1000-3 Datasheet
240Kb / 2P
micro SD / SDHC / SDXC Cards
January 2021
logo
HB Electronic Component...
S30GY9C HB-S30GY9C Datasheet
118Kb / 3P
Highest Flux Yellow
More results

Similar Description - S30GR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12GR2C HB-E12GR2C Datasheet
294Kb / 3P
Highest Flux RED
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
Highest Flux White
S12GR2C HB-S12GR2C Datasheet
209Kb / 3P
Highest Flux RED
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
Highest Flux White
S70GR2C HB-S70GR2C Datasheet
116Kb / 3P
Highest Flux RED
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
Highest Flux
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
Highest Luminous Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
LED-S12LR2C HB-LED-S12LR2C Datasheet
177Kb / 2P
Highest Flux Red
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
Highest Flux Yellow
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com