Electronic Components Datasheet Search
  English  ▼

X  

S30GR2C Datasheet(PDF) 2 Page - HB Electronic Components

Part # S30GR2C
Description  Highest Flux Red
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S30GR2C Datasheet(HTML) 2 Page - HB Electronic Components

  S30GR2C Datasheet HTML 1Page - HB Electronic Components S30GR2C Datasheet HTML 2Page - HB Electronic Components S30GR2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page: 2 of 3
HEAT SLUG
Part No. S30GR2C
Absolute maximum ratings ˜
˜
˜
˜Ta = 25 ¯
¯
¯
¯
Electrical and optical characteristics ˜
˜
˜
˜Ta = 25 ¯
¯
¯
¯
Value
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 350mA
----
2.0
2.5
V
Luminous Flux
v
IF = 350mA
5
12
-
lm
Viewing Angle
2 '1/2
IF = 350mA
----
30
----
Deg.
Dominant Wavelength
‹ d
IF = 350mA
620
----
630
nm
Luminous Flux Bins ˜
˜
˜
˜Ta = 25 ¯
¯
¯
¯
Unit:lm
Bin
B
C
D
E
F
G
Min
5
10
15
20
25
30
Max
10
15
20
25
30
40
Dominant Wavelength- ‹‹‹‹ d ˜˜˜˜ Ta = 25 ¯
¯
¯
¯
Unit:
nm
Bin
A
V
O
U
Min
600
610
620
630
Max
610
620
630
640
Value
Parameter
Symbol
Test Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
350
mA
DC Forward Maximum
Current
Imax
-----
----
500
mA
Power Dissipation
Pd
----
----
0.98
W
LED Junction Temperature
Tj
----
120
Operating Temperature
Topr
----
-25
+100
Storage Temperature
Tstr
----
-40
+120
Soldering Temperature
---
-----
260
for 5 Seconds max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com